Part Number Hot Search : 
BYV26F HPR2XX HIN202CA 9737E 1N5226 74HC423U B3NK60Z B1212
Product Description
Full Text Search
 

To Download H22LTI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H22L SERIES
OPTOLOGIC(R) OPTICAL INTERRUPTER SWITCH
PACKAGE DIMENSIONS
0.472 (12.0) 0.457 (11.6)
0.249 (6.35) 0.243 (6.15)
+ E
D +
C L 0.39 (1.00) 0.34 (0.85)
C L
0.129 (3.3) 0.119 (3.0)
0.103 (2.60) NOM 0.433 (11.0) 0.422 (10.7)
Optical C L
FEATURES
* Black plastic housing * Choice of inverter or buffer output functions * Choice of open-collector or totem-pole output configuration
0.315 (8.0) C L
* No contact switching * TTL/CMOS compatible output functions
0.055 (1.40) 0.045 (1.14) 0.055 (1.40) 0.045 (1.14) 0.110 (2.8) 0.091 (2.3) PIN 1 ANODE PIN 2 CATHODE
2 3 4 1 5
PART NUMBER DEFINITIONS
H22LTB H22LTI H22LOB H22LOI Totem-pole, buffer output Totem-pole, inverter output Open-collector, buffer output Open-collector, inverter output (Applies to Max Ratings and Characteristics Tables.)
0.295 (7.5) 0.272 (6.9)
PIN 3 VCC PIN 4 VO 0.020 (0.51) (SQ) PIN 5 GND
NOTES
NOTES: 1. Dimensions for all drawings are in inches (millimeters). 2. Tolerance of .010 (.25) on all non-nominal dimensions unless otherwise specified. 3. Lead cross section is controlled between .050 (1.27) from the seating plane and the end of the leads.
1. Derate power dissipation linearly 1.67 mW/C above 25C. 2. Derate power dissipation linearly 2.50 mW/C above 25C. 3. RMA flux is recommended. 4. Methanol or isopropyl alcohols are recommended as cleaning agents. 5. Soldering iron 1/16" (1.6mm) from housing. 6. As long as leads are not under any stress or spring tension.
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Storage Temperature Soldering Temperature EMITTER Continuous Forward Current Reverse Voltage Power Dissipation(1) SENSOR Output Current Supply Voltage Output Voltage Power Dissipation(1) (Iron)(3,4,5,6) Soldering Temperature (Flow)(3,4,6)
(TA = 25C unless otherwise specified) Symbol TOPR TSTG TSOL-I TSOL-F IF VR PD IO VCC VO PD Rating -40 to +85 -40 to +85 240 for 5 sec 260 for 10 sec 50 5 100 50 4.0 to 16 30 150 Units C C C C mA V mW mA V V mW
1 of 5
100011B
H22L SERIES
OPTOLOGIC(R) OPTICAL INTERRUPTER SWITCH
ELECTRICAL / OPTICAL CHARACTERISTICS
PARAMETER TEST CONDITIONS
(TA =25C)
SYMBOL MIN. TYP. MAX. UNITS
Operating Supply Voltage INPUT DIODE Forward Voltage Reverse Leakage Current COUPLED Operating Supply Current Low Level Output Voltage H22LTB, H22LOB Low Level Output Voltage H22LTI, H22LOI High Level Output Voltage H22LTB High Level Output Voltage H22LTI High Level Output Current H22LOB High Level Output Current H22LOI Turn on Threshold Current Turn off Threshold Current Hysteresis Ratio Propagation Delay Output Rise and Fall Time
VCC IF = 20 mA VR = 5 V IF = 15 mA or 0 mA, VCC = 16 V IF = 0 mA, VCC = 5 V, RL = 100 ! IF = 15 mA, VCC = 5 V, RL = 360 ! IF = 15 mA, VCC = 5 V, IOH = -800 A IF = 0 mA, VCC = 5 V, IOH = -800 A IF = 0 mA, VCC = 5 V, IOH = -800 A IF = 0 mA, VCC = 5 V, VOH = 30 V VCC = 5 V, RL = 360 ! VCC = 5 V, RL = 360 ! VCC = 5 V, RL = 360 ! VCC = 5 V, RL = 360 !
VCC VF IR ICC VOL VOL VOH VOH IOH IOH IF(+) IF(-) IF(+) / IF(-) tPLH, tPHL tr, tf
4.5 -- -- -- -- -- 2.4 2.4
16 1.7 10 5 0.4 0.4 -- -- 100
V V
A
mA V V V V
A A
mA mA
-- -- 0.50 1.3 5 70
100 15 --
s
ns
INPUT/OUTPUT TABLE
Part Number H22LTB H22LTB H22LTI H22LTI H22LOB H22LOB H22LOI H22LOI LED On Off On Off On Off On Off Output High Low Low High High Low Low High
2 of 5
100011B
H22L SERIES
OPTOLOGIC(R) OPTICAL INTERRUPTER SWITCH
CIRCUIT SCHEMATICS
ANODE (1) VOLTAGE REGULATOR VCC (3)
H22LTB
LA VOUT (4)
Totem-Pole Output Buffer
CATHODE (2)
GND (5)
ANODE (1)
VOLTAGE REGULATOR
VCC (3)
H22LTI
LA VOUT (4)
Totem-PoleOutput inverter
CATHODE (2)
GND (5)
ANODE (1)
VCC (3) VOLTAGE REGULATOR VOUT (4) LA
H22LOB
Open-Collector Output Buffer
CATHODE (2)
GND (5)
ANODE (1)
VCC (3) VOLTAGE REGULATOR VOUT (4) LA
H22LOI
Open-Collector Output Inverter
CATHODE (2)
GND (5)
3 of 5
100011B
H22L SERIES
OPTOLOGIC(R) OPTICAL INTERRUPTER SWITCH
Switching Speed Test Circuit
Typical Operating Circuit VCC 5V R IN
C2 RL
R1 R2 Pulse Generator VO = 5V f = 10 KHz d.c. = 50% R 1 = 180 ! R 2 = 360 ! C 1 = 15 pf C 2 = 20 pf C1 GND .1 uf bypass + V IN -
VO
.1 uf bypass
GND C 1 and C2 include probe and stray wire capacitance
Switching Test Curve for Buffers
Switching Test Curve for Inverters
50%
50%
0 mA
0 mA
t PLH VOH
t PHL
t PHL VOH
t PLH
Output VO
90%
10% 50%
10% Output VO
90%
90% VOL 10% 90% VOL
10%
tr
tf
tf
tr
4 of 5
100011B
H22L SERIES
OPTOLOGIC(R) OPTICAL INTERRUPTER SWITCH
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
(c) 2000 Fairchild Semiconductor Corporation
5 of 5
100011B


▲Up To Search▲   

 
Price & Availability of H22LTI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X